Part Number Hot Search : 
KE82A HDS800 A1507P 1837488 GP7NB60 M5227 D1546 MMSZ4700
Product Description
Full Text Search
 

To Download 2SA1725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SA1725 description ? with to-220f package ? complement to type 2sc4511 applications ? audio and general purpose pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -80 v v ceo collector-emitter voltage open base -80 v v ebo emitter-base voltage open collector -6 v i c collector current -6 a i b base current -3 a p c collector dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
jmnic product specification 2 silicon pnp power transistors 2SA1725 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma ; i b =0 -80 v v cesat collector-emitter saturation voltage i c =-2a ;i b =-0.2a -0.5 v i cbo collector cut-off current v cb =-80v; i e =0 -10 | a i ebo emitter cut-off current v eb =-6v; i c =0 -10 | a h fe dc current gain i c =-2a ; v ce =-4v 50 180 c ob output capacitance i e =0; v cb =-10v;f=1mhz 150 pf f t transition frequency i e =0.5a ; v ce =-12v 20 mhz switching times t on turn-on time 0.18 | s t s storage time 1.10 | s t f fall time i c =-3.0a;i b1 =-i b2 =-0.3a v cc =-30v ,r l =10 |? 0.21 | s ? h fe classifications o p y 50-100 70-140 90-180
jmnic product specification 3 silicon pnp power transistors 2SA1725 package outline fig.2 outline dimensions
jmnic product specification 4 silicon pnp power transistors 2SA1725


▲Up To Search▲   

 
Price & Availability of 2SA1725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X